PART |
Description |
Maker |
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
SAK-C167CR-L33MGAGA-T-STEP SAK-C167XR-4RMGAGA-T-ST |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) High-end 16-bit Microcontroller with optional on-chip CAN
|
Infineon
|
SAB80C517-16-N-T40/85 SAB80C537-M16 SAB80C517-M-T4 |
8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑83态输出通用变换缓存SOIC-20封装 工作温度55℃_125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Input NAND Gate 14-PDIP -55 to 125 8位CMOS单芯片微控制 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC84
|
Siemens Semiconductor Group SIEMENS AG INFINEON TECHNOLOGIES AG SIEMENS A G http://
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
W78E58P-16 W78E58P-24 W78E58-40 W78E58P-40 W78E54B |
8-BIT MICROCONTROLLER 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|44PIN|PLASTIC
|
Winbond Electronics, Corp. Winbond Electronics Corp
|
SAB-C515-L24M SAF-C515-L24M SAB-C515-LM SAB-C515-1 |
8-Bit CMOS Microcontroller 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP80 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQFP80
|
Infineon Technologies AG SIEMENS AG
|
SAK-C164CI-8EMCA SAFC164SI SAFC164CL SAFC164CI SAF |
IC,MICROCONTROLLER,16-BIT,80166 CPU,CMOS,QFP,80PIN,PLASTIC 16-Bit CMOS Microcontroller
|
Infineon Technologies
|
PIC16F87X01 P16F877 PIC16LF873 PIC16F876-20I/SOD85 |
8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SO-28 (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers DMOS MICROSTEPPING DRVR W/TRANSLATOR 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP44
|
HIROSE ELECTRIC Co., Ltd. Microchip Technology Inc. http://
|
E0C6SB32Q14 E0C6S32 |
4-Bit Microcontroller Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,Event Counter(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较事件计数器))
|
爱普生(中国)有限公
|
SAB-C540U-EN SAB-C540U-EP SAB-C541U-1EP Q67126-C20 |
8-Bit CMOS Microcontroller 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDIP52
|
SIEMENS AG
|
|